Part Number Hot Search : 
SC1470I 200117MA FN3318 02MED F1002 MHL8115 C6012 B2000
Product Description
Full Text Search
 

To Download RB055LA-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB055LA-40
Diodes
Schottky barrier diode
RB055LA-40
Applications General rectification Features 1) Small power mold type (PMDT) 2) Low VF 3) High reliability External dimensions (Unit : mm)
2.60.2 0.20.15 0.1
Land size figure (Unit : mm)
2.0 1.4
3.80.2
4.70.3
PMD
Structure Silicon epitaxial planar
Structure
1.50.2 0.950.1
ROHM : PMD Manufacture Date
Taping dimensions (Unit : mm)
2.00.05 4.00.1 1.750.1 1.550.1 0 0.250.05
1.4
5.50.05
12.00.2
1.550.1 0 2.70.1 4.00.1 1.250.1
Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current Forward current surge peak 60Hz1cyc Junction temperature Storage temperature
Limits Symbol VRM 40 VR 40 3 Io IFSM 70 150 Tj -55 to +150 Tstg (*1)Tc=80max Mounted on epoxy board. 160Half sine wave
Electrical characteristic (Ta=25C)
5.00.1
Unit V V A A
Parameter Forward voltage Reverse current
Symbol VF1 VF2 IR
Min. -
Typ. -
Max. 0.55 0.62 100
Unit V V A
Conditions IF=1.5A IF=3.0A VR=40V
5.00.1
4.4
1/3
RB055LA-40
Diodes
Electrical characteristic curves
Ta=150 10000 Ta=150 10000 1000 Ta=75 Ta=125 1000 f=1MHz
REVERSE CURRENT:IR(uA)
FORWARD CURRENT:IF(A)
Ta=75 100 Ta=-25 Ta=25
100 Ta=25 10 1 0.1 0.01 0.001 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1000
Ta=125
100
10
10
1
0.1 0 100 200 300 400 500 600 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 700
1
0
10
20
30
40
0
REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
10 20 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
30
580
100
400
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
Ta=25 VR=40V n=30pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(uA)
570
Ta=25 IF=3A n=30pcs
90 80 70 60 50 40 30 20 10 AVE:6.01uA
390 380 370 360 350 340 330 320 310 300
AVE:333.1pF
Ta=25 f=1MHz VR=0V n=10pcs
560
550 AVE:559.1mV 540
530 VF DISPERSION MAP
0 IR DISPERSION MAP
Ct DISPERSION MAP
300
30
1000
RESERVE RECOVERY TIME:trr(ns)
PEAK SURGE FORWARD CURRENT:IFSM(A)
250 200 150 100
Ifsm
1cyc 8.3ms
PEAK SURGE FORWARD CURRENT:IFSM(A)
25
20
Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=20pcs
Ifsm 8.3ms 8.3ms 1cyc 100
15
10
AVE:117.2A 50 0
5
AVE:4.43ns
0
10 1 trr DISPERSION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
IFSM DISRESION MAP
1000
1000
4.0
Mounted on epoxy board
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm t
Rth(j-a)
100
3.5 3.0
D=1/2
DC
FORWARD POWER DISSIPATION:Pf(W)
2.5 2.0 1.5 1.0 0.5 0.0 Sin(180)
100
10
IM=100mA
Rth(j-c)
IF=A
1
1ms tim 300us
0.1 0.001 0.01 0.1 1 10 TIME:t(s) Rth-t CHARACTERISTICS 100 1000
10 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
2/3
RB055LA-40
Diodes
1.4
5 4.5
5
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
4 3.5 3 2.5 2 1.5 1 0.5 0 0 25 50
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
1.2
0A 0V t DC
Io VR D=t/T VR=20V T Tj=150 Sin(180)
4.5 4 3.5 3 2.5 2 1.5 1 0.5 0
D=1/2 DC Sin(180)
REVERSE POWER DISSIPATION:PR (W)
1 0.8 0.6 0.4 0.2 0 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS
DC D=1/2
D=1/2
0A 0V t
Io VR D=t/T VR=20V T Tj=150
150
Sin(180)
40
75
100
125
150
0
AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
25 50 75 100 125 CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
30
ELECTROSTATIC DISCHARGE TEST ESD(KV)
No break at 30kV 25 20 AVE:11.5kV 15 10 5 0 C=200pF R=0 ESD DISPERSION MAP C=100pF R=1.5k
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RB055LA-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X